PART |
Description |
Maker |
123-100-1-2-06BEE 123-100-1-2-06BEH 123-100-1-2-06 |
Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
|
Glenair, Inc.
|
121-102-1-2-06BKA 121-102-1-1-06BKA 121-102-1-2-20 |
Helical Convoluted Tubing
|
Glenair, Inc.
|
127-130-16BBS 127-130-16BNS 127-130-16BSS 127-130- |
Reinforced Helical Convoluted Tubing
|
Glenair, Inc.
|
120-103-1-2-06BE 120-103-1-2-06BF 120-103-1-2-06BK |
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type B - With External Black Dacron Braid
|
Glenair, Inc.
|
120-001 |
72 Annular Convoluted Tubing Thermally Stabilized Kynar
|
Glenair
|
121-195-16SL 121-195-16SM 121-195-16SN 121-195-32S |
Annular Convoluted Tubing with Double External Braid
|
Glenair, Inc.
|
710-861 |
Direct Attachment Guardian Double-T Transition For Series 72 Annular Convoluted Tubing
|
Glenair, Inc.
|
NAS1130 |
HELICAL COIL
|
List of Unclassifed Man...
|
MAF84X1 MAB84X1 MAF84AX1 |
Shrink Tubing; Tubing Size Diameter:1"; Shrink Temperature:100 C; Wall Thickness Recovered Nominal:0.035"; Inner Diameter Max Recovered:0.500"; Expanded Inner Diameter:1.000"; Material:Polyolefin; Approval Bodies:UL, CSA 单芯位微控制 SINGLE CHIP 8 BIT MICROCONTROLLER
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
ANT-433-CW-RH |
The RH Series utilizes a helical element to greatly
|
List of Unclassifed Manufacturers
|